PART |
Description |
Maker |
MAX16046ECB MAX16048ECB MAX1604609 |
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
|
Maxim Integrated Products
|
MAX16047ATN MAX16049ATN |
12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
|
Maxim Integrated Products
|
CAT28C16AKI-20 CAT25C03U-1.8 CAT25040YI-GT3 CAT24W |
EEPROM (256x8) 2K 1.8-6.0 The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 该CAT24FC02是一 KB的EEPROM的国56位每字举办的串行CMOS EEPROM (4kx8) 32K 1.8-6.0 EEPROM (2048x8) 16K EEPROM (256x8) 2K 2.5-6.0 EEPROM 64K X 8 512K 5V EEPROM (256x8) (128x16) 2K EEPROM (8kx8) 64K 3V EEPROM (512x8) (256x16) 4K EEPROM (2048x8)(1024x16)16K EEPROM (128x8) 1k 1.8-6.0 EEPROM (8kx8) 64K 1.8-6.0 EEPROM 16K-Bit CMOS PARA EEPROM EEPROM (512x8) 4k 2.5-6.0 EEPROM (4096x8) 32k 1.8-6.0 EEPROM (384x8) 128k 16 EEPROM (2Kx8) 16K 5V 90ns
|
Electronic Theatre Controls, Inc. ON Semiconductor Qualtek Electronics, Corp. Lumex, Inc. Vicor, Corp. EPCOS AG NXP Semiconductors N.V. Atmel, Corp. Linear Technology, Corp. Amphenol, Corp. Bourns, Inc. TE Connectivity, Ltd. Integrated Silicon Solution, Inc. Anpec Electronics, Corp.
|
ER5901 |
1K N-channel EEPROM
|
General Semiconductor
|
FW905 |
N-Channel and P-Channel Silicon MOSFETs General-Purpose Switching Device 7 A, 20 V, 0.024 ohm, 2 CHANNEL, N AND P-CHANNEL, Si, POWER, MOSFET
|
Sanyo Semicon Device SANYO SEMICONDUCTOR CO LTD
|
X4643V8I-2.7A X4645V8-2.7A X4643V8-2.7A X4643S8I-4 |
CPU Supervidor with 64K EEPROM 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO8 CPU Supervidor with 64K EEPROM CPUSupervidor4K的EEPROM
|
Intersil, Corp.
|
MAX7456EUI_ MAX7456 |
Single-Channel Monochrome On-Screen Display with Integrated EEPROM
|
MAXIM[Maxim Integrated Products]
|
AM29F400AB-150FEB AM29F400AT-150FE AM29F400AT-150S |
55V Single N-Channel HEXFET Power MOSFET in a D2Pak Package; A IRF3205ZS with Standard Packaging 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB3307 with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRF1010ZL with Standard Packaging 55V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF1010Z with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRF3707 with Standard Packaging x8/x16 Flash EEPROM 75V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF1407 with Lead Free Packaging 100V Single N-Channel HEXFET Power MOSFET in a I-Pak package; A IRLU120N with Standard Packaging x8/x16闪存EEPROM
|
Advanced Micro Devices, Inc.
|
FDS8958B |
30V Dual N & P-Channel PowerTrenchMOSFET Dual N & P-Channel PowerTrench? MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 mΩ Q2-P-Channel: -30 V, -4.5 A, 51 mΩ Dual N & P-Channel PowerTrench垄莽 MOSFET Q1-N-Channel: 30 V, 6.4 A, 26 m楼? Q2-P-Channel: -30 V, -4.5 A, 51 m楼?
|
Fairchild Semiconductor
|
24LC256TE/ST14 24LC256TE/SN 24AA256I/ST14 24AA256T |
Nonvolatile, 32-Position Digital Potentiometer SERIAL EEPROM|32KX8|CMOS|TSSOP|14PIN|PLASTIC Two/Four-Channel, I2C Adjustable Current DAC SERIAL EEPROM|32KX8|CMOS|SOP|8PIN|PLASTIC SERIAL EEPROM|32KX8|CMOS|DIP|8PIN|PLASTIC Electronically Programmable Voltage Reference SERIAL EEPROM|32KX8|CMOS|LLCC|8PIN|PLASTIC 串行EEPROM的| 32KX8 |的CMOS | LLCC | 8引脚|塑料 SERIAL EEPROM|32KX8|CMOS|TSSOP|8PIN|PLASTIC 串行EEPROM的| 32KX8 |的CMOS | TSSOP封装| 8引脚|塑料
|
Microchip Technology, Inc.
|